PART |
Description |
Maker |
PA-1001A1AP1Y PA1001A PCA-121P3Z PA-1001A PA-1001A |
Signal Conditioners / Converters Instalation / Operation Manual SIGNAL CONDITIONER & CONVERTERS DEM9PH SIGNAL CONDITIONER & CONVERTERS 信号调理 PT 8C 8#16 SKT PLUG 信号调理
|
Flowmetrics http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AD578L AD578LD AD578LN AD578JD AD578JN AD579KN AD5 |
VERY FAST, COMPLETE 10- OR 12-BIT A/D CONVERTERS 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Enhanced, 1.8V, PCI-Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable VERY FAST/ COMPLETE 10- OR 12-BIT A/D CONVERTERS Very Fast,Complete 10-or 12-Bit A/D Converters(完备2位A/D转换 速度非常快,完整02位A / D转换器(完备2位的A / D转换器) Very Fast,Complete 10-or 12-Bit A/D Converters(完备0位A/D转换 速度非常快,完整02位A / D转换器(完备0位的A / D转换器) 0-20V; very fast, complete 12-bit A/D converter
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
SXE15-48S2V5J SXE15 SXE15-48S3V3J SXE15-48S05J SXE |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
|
Emerson Network Power
|
ICL71060512 ICL7107SCPLZ ICL7106 ICL7106CM44 ICL71 |
LED Display, A/D Converters(3 1/2 位LED 显示器驱A/D转换 LED显示,A / D转换3 1 / 2位发光显示器驱动的A / D转换器) 3? Digit, LCD/LED Display, A/D Converters 3? Digit, LCD/LED Display, A/D Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
TCM828 TCM828ECT TCM829 TCM829ECT TCM828ECT713 |
Switched Capacitor Voltage Converters The TCM828/829 are CMOS "charge-pump" voltage converters in ultra-small 5-Pin SOT-23A packages. They invert and/or double an input voltage which can range from 1.5V to 5.5V. Conversion efficiency is typically >95%. Switching frequency
|
http:// MICROCHIP[Microchip Technology]
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TSC-1D4815NH TSC-1S2405NH TSC-1S2412NH TSC-1D0505N |
DC/DC CONVERTERS DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
TSC2-2S0505N TSC2-2S0512N TSC2-2S0515N TSC2-2S053. |
DC/DC CONVERTERS 7-pin SIP, 2 Watt DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM... Tumbler Technologies ...
|